this document was generated on 04/13/2010 please check www.molex.com for latest part information part number: 0190730146 status: active description: avikrimp? ring tongue terminal for 10 to 12 awg wire, stud size 1/2", length 40.13mm (1.580"), mylar tape carrier documents: drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr18689 ul e32244 general product family ring and spade terminals series 19073 crimp quality equipment yes mil-spec n/a product name avikrimp? type ring physical barrel type closed flammability 94v-2 insulation nylon (pa) material - plating mating tin packaging type adhesive tape on reel stud size 1/2" (m12) wire insulation diameter 5.70mm (.250") max. wire size awg 10, 12 wire size mm2 0.40 - 0.60 material info old part number C-801-12T reference - drawing numbers sales drawing sd-19073-007 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 19073 series application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # perishable tooling spacers for tape product 0190270135 this document was generated on 04/13/2010 please check www.molex.com for latest part information
|